PART |
Description |
Maker |
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
IRL3803L IRL3803S |
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)\u003d 0.006ohm,身份证\u003d律目140A?) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?) POWER MOSFET(VDSS=30V, RDS(ON)=0.006OHM, ID=140Aㄌ) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFZ44VZLPBF IRFZ44VZSPBF IRFZ44VZPBF |
HEXFET㈢ Power MOSFET ( VDSS = 60V , RDS(on) = 12mヘ , ID = 57A ) HEXFET? Power MOSFET ( VDSS = 60V , RDS(on) = 12mΩ , ID = 57A ) HEXFET垄莽 Power MOSFET ( VDSS = 60V , RDS(on) = 12m楼? , ID = 57A )
|
International Rectifier
|
IRFR2905ZPBF IRFU2905ZPBF |
HEXFET? Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A ) HEXFET垄莽 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m楼? , ID = 42A ) HEXFET㈢ Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mヘ , ID = 42A )
|
International Rectifier
|
IRF830S IRF830STRL IRF830STRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=4.5A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=4.5A) Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=4.5A)
|
IRF[International Rectifier]
|
S4111-46Q S4111-16Q S4111-16R S4114-46Q S4114-35Q |
MOSFET, Switching; VDSS (V): 500; ID (A): 19; Pch : 35; RDS (ON) typ. (ohm) @10V: 0.325; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: 0.093; Package: TO-220FN MOSFET, Switching; VDSS (V): 500; ID (A): 25; Pch : -; RDS (ON) typ. (ohm) @10V: 0.21; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2600; toff (µs) typ: 103; Package: TO-3P Si photodiode array 16, 35, 46 element Si photodiode array for UV to NIR 硅光电二极管阵列16356元素硅的紫外到近红外光电二极管阵
|
Hamamatsu Photonics K.K.
|
IRF3703 IRF3703PBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A? Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A) Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A?) Power MOSFET(Vdss=30V/ Rds(on)max=2.8mohm/ Id=210A)
|
International Rectifier
|
IRFIBC40G IRFIBC40 IRFIBC40GPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A) Power MOSFET(Vdss=600V/ Rds(on)=1.2ohm/ Id=3.5A)
|
IRF[International Rectifier]
|
IRFB38N20D IRFSL38N20D IRFS38N20D IRFS38N20DTRL |
Power MOSFET(Vdss=200V/ Rds(on)max=0.054ohm/ Id=44A) TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 44A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 200伏五(巴西)直|4A(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
|
International Rectifier, Corp. Fairchild Semiconductor IRF[International Rectifier]
|
IRF1407SPBF IRF1407LPBF IRF1407SPBF-15 |
HEXFET? Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078Ω , ID = 100A ) HEXFET㈢ Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1 |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?) Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?
|
IRF[International Rectifier]
|